PART |
Description |
Maker |
HUF76423S3S HUF76423P3 FN4708 HUF76423S3ST HUF7642 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 36A条(丁)|63AB N-Channel NexFET Power MOSFET 8-SON -55 to 150 33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STQ2NF06L-AP STQ2NF06L |
N-CHANNEL 60V - 0.1 W - 2A TO-92 STripFET II POWER MOSFET N-CHANNEL 60V - 0.1 W - 2A TO-92 STripFET?/a> II POWER MOSFET N-CHANNEL 60V - 0.1 OHM - 2A TO-92 STRIPFET II POWER MOSFET 2000 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
STMicroelectronics ST Microelectronics
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
IRFZ44E IRFZ44EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
|
IRF[International Rectifier]
|
IRFZ48V IRFZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
|
IRF[International Rectifier]
|
STD35NF06 |
N-CHANNEL 60V 0.018 OHM 55A - DPAK - STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFETII MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFET⑩II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP36NE06FP STP36NE06 5994 |
N-Channel 60V-0.032Ω-36A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.032Ω- 36A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.032 - 36A - TO-220/TO-220FP STripFETTM POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.032ohm - 36A - TO-220/TO-220FP STripFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
ZXMP6A13FTC ZXMP6A13F ZXMP6A13FTA |
P-channel MOSFET 60V P-CHANNEL ENHANCEMENT MODE MOSFET MOSFET P-CH 60V 900MA SOT-23 900 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Electronic Theatre Controls, Inc. Zetex Semiconductor PLC
|
STD30NE06L 6044 STD30NE06LT4 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)|52AA N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET From old datasheet system
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STD16NF06L STD16NF06LT4 STD16NF06L-1 |
N-CHANNEL 60V - 0.060 - 24A DPAK/IPAK STripFET II POWER MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 60V - 0.060 & - 16A DPAK STripFET II POWER MOSFET
|
ST Microelectronics
|
STB16NF06L 8583 STB16NF06LT4 |
16 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET⑩ POWER MOSFET From old datasheet system N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET POWER MOSFET N-CHANNEL 60V - 0.07 OHM - 16A D2PAK STRIPFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|